PART |
Description |
Maker |
BDT63C BDT63A-SM BDT63C-SM |
DIODE TVS 6.5V 1500W UNI 5% SMC TRANSISTOR DARLINGTON
|
HI
|
NX8503CG-CC NX8503BG-CC NX8503CG NX8503BG |
TVS BIDIRECT 1500W 14V SMC NECs 1550 nm InGaAsP MQW DFB LASER DIODE
|
NEC Corp. NEC[NEC] http://
|
15FMCJ91A 15FMCJ 15FMCJ10 15FMCJ100 15FMCJ100A 15F |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 143V(min), 158V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 108V(min), 132V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 90.0V(min), 110V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 99.0V(min), 121V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 117V(min), 143V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 171V(min), 189V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 237V(min), 263V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 332V(min), 368V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 198V(min), 242V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 198V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 124V(min), 137V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 225V(min), 275V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 285V(min), 315V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 270V(min), 330V(max). For bidirectional use C or CA suffix. 10 GIG OPTIMIZED FIBER PATCH LC/LC Fiber Optic Cable Assembly; Cable Length:49.2ft; Connector Type A:ST; Connector Type B:ST FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 10M FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 5M Fiber Optic Cable Assembly; Cable Length:32.8ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:16.4ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes 10 GIG OPTIMIZED FIBER PATCH ST/ST SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 152V(min), 168V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 380V(min), 420V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 153V(min), 187V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 180V(min), 220V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 190V(min), 210V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 360V(min), 440V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 179V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 144V(min), 176V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 114V(min), 126V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 105V(min), 116V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 315V(min), 385V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 95.0V(min), 105V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 135V(min), 165V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 209V(min), 231V(max). For bidirectional use C or CA suffix.
|
RECTRON[Rectron Semiconductor]
|
CSR33B563MA T110D105K050MSC T110D105M050MSC CSR13B |
LCD GRAPHIC MODULE 240X128 PIXEL TVS UNIDIRECT 14V 400W SMA INTELLIGENT DISP 4CHAR 5X5 HER TANTALUM HERMETICALLY SEALED / AXIAL 钽密轴流 Connector assemblies, Outlet 钽密轴流 DISPLAY 7SEG 14.3MM 2DGT RED CA 钽密轴流 RF/Coaxial Connector; RF Coax Type:MMCX; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:316DB RoHS Compliant: Yes 钽密轴流 CABLE ASSEMBLY; C MALE TO C MALE; 50 OHM, RG400/U COAX, DOUBLE SHIELDED; 12" CABLE LENGTH 钽密轴流 PHASEO POWER SUPPLY 5VDC 4AMP 钽密轴流 TVS ZENER UNIDIRECT 400W 12V SMA 钽密轴流 TVS 400W 15V BIDIRECT SMA 钽密轴流
|
Kemet Corporation http://
|
1.5KE20 1.5KE180 1.5KE110 1.5KE7.5 1.5KE27 1.5KE8. |
VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnologie... SeCoS Halbleitertechnol...
|
ATV04A360JB-G ATV04A580J-G ATV04A580JB-G ATV04A7V0 |
Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=400Watts, V<sub>RWM</sub>=36V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=160V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=170V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=300V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=30V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=33V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=15V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=16V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=18V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=54V, Tolerance=5%
|
Comchip Technology
|
SMAJ110CA-TP SMAJ14A-TP SMAJ43CA-TP MICROCOMMERCIA |
TVS 400W 110V BIDIRECT SMA 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS 400W 14V UNIDIRECT SMA 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS 400W 43V BIDIRECT SMA 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS 400W 100V BIDIRECT SMA TVS 400W 20V BIDIRECT SMA
|
Micro Commercial Components, Corp.
|
SMCJ28A-13-F SMCJ58A-13-F SMCJ78A-13-F SMCJ90A-13- |
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Diodes, Inc.
|
TDA9615H |
DIODE,TVS,BI,20V,1500W,J-LEAD Audio processor for VHS hi-fi(应用于VHS高保真的音频处理
|
NXP Semiconductors N.V.
|
1.5KE22C 1.5KE75C 1.5KE16CA 1.5KE62CA 1.5KE6.8C 1. |
Ppk=1500W, Vc=574V transient voltage suppressor 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-SM8 -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 18-Bit Universal Bus Driver With 3-State Outputs 56-TVSOP -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Ppk=1500W, Vc=258V transient voltage suppressor
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
BDA224P BDA218P BDA234P BDA236P |
TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:45V; Breakdown Voltage, Vbr:50V; Peak Pulse Power PPK @ 10x1000uS:500W; Package DIODE TVS 33V 500W UNI-DIR DIODE TVS 6.0V 500W BI-DIR TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:6.5V; Breakdown Voltage, Vbr:7.22V; Peak Pulse Power PPK @ 10x1000uS:500W; Package/Case:DO-204AC; Leaded Process Compatible:Yes 500毫升塑料BECHERGLAS
|
Panasonic, Corp.
|
3KP70CA-G 3KP70A-G 3KP45A-G 3KP36A-G 3KP36CA-G 3KP |
Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=18V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=85V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5%
|
Comchip Technology
|
|